Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STSW-IOD04K Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STSW-IOD04K
Description  Industrial smart sensor kit based on L6364W dual IO-Link device transceiver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSW-IOD04K Fiches technique(HTML) 2 Page - STMicroelectronics

  STSW-IOD04K Datasheet HTML 1Page - STMicroelectronics STSW-IOD04K Datasheet HTML 2Page - STMicroelectronics STSW-IOD04K Datasheet HTML 3Page - STMicroelectronics STSW-IOD04K Datasheet HTML 4Page - STMicroelectronics STSW-IOD04K Datasheet HTML 5Page - STMicroelectronics STSW-IOD04K Datasheet HTML 6Page - STMicroelectronics STSW-IOD04K Datasheet HTML 7Page - STMicroelectronics STSW-IOD04K Datasheet HTML 8Page - STMicroelectronics STSW-IOD04K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
The tiny dimensions of the main board have been achieved thanks to the small sizes
of the CSP package options of L6364W and STM32G071EB.
Connect the main board to an IO-Link master via the adapter and the M8 connector
included in the kit for normal operation. Connect the same board to the STLINK-
V3MINI through the flat cable only if you want to program the STM32G071EB with a
new firmware.
STEVAL-IOD04KT1
DB4571 - Rev 2
page 2/10



Html Pages

1 2 3 4 5 6 7 8 9 10