Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS431 Fiches technique(PDF) 13 Page - BCD Semiconductor Manufacturing Limited

No de pièce AS431
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Site Internet  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AS431 Fiches technique(HTML) 13 Page - BCD Semiconductor Manufacturing Limited

Back Button AS431 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 12Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 13Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 14Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 15Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 16Page - BCD Semiconductor Manufacturing Limited AS431 Datasheet HTML 17Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ADJUSTABLE PRECISION SHUNT REGULATORS
AS431
13
Nov. 2005 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
Data Sheet
Mechanical Dimensions
TO-92
Unit: mm (inch)
2.440(0.096)
2.640(0.104)
0.380(0.015)
0.550(0.022)
Φ1.600(0.063)
MAX
1.270(0.050)
TYP
1.100(0.043)
1.400(0.055)
4.400(0.173)
4.700(0.185)
3.430(0.135)
MIN
0.360(0.014)
0.510(0.020)
0.000(0.000)
0.380(0.015)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17