| Moteur de recherche de fiches techniques de composants électroniques |
|
ISC300 Fiches technique(PDF) 11 Page - Burr-Brown (TI) |
|
|
|
|||||||||||||||||||||||||||||
ISC300 Fiches technique(HTML) 11 Page - Burr-Brown (TI) |
|
11 / 11 page ![]() ® ISC300 11 The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN product for use in life support devices and/or systems. FIGURE 19. Thermocouple with Cold Junction Compensation. FIGURE 18. Temperature Measurement Using Thermocouple with Small Span. INA102 Logic Control +V SS1 Out ACom 2 DCom 2 +V SS1 +In –In Com 1 –V SS1 –V SS1 +V CC +V DD I REF1 I REF2 100 Ω 4990 Ω 30 Ω INA102 Logic Control +V SS1 Out ACom 2 DCom 2 +V SS1 +In –In Com 1 –V SS1 –V SS1 +V CC +V DD I REF1 I REF2 |