| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32WB35CC Fiches technique(PDF) 181 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB35CC Fiches technique(HTML) 181 Page - STMicroelectronics |
|
181 / 193 page ![]() DS11929 Rev 11 181/193 STM32WB55xx STM32WB35xx Package information 185 Figure 48. UFQFPN48 recommended footprint 1. Dimensions are expressed in millimeters. Table 105. UFQFPN48 mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to four decimal digits. Min Typ Max Min Typ Max A 0.500 0.550 0.600 0.0197 0.0217 0.0236 A1 0.000 0.020 0.050 0.0000 0.0008 0.0020 D 6.900 7.000 7.100 0.2717 0.2756 0.2795 E 6.900 7.000 7.100 0.2717 0.2756 0.2795 D2 5.500 5.600 5.700 0.2165 0.2205 0.2244 E2 5.500 5.600 5.700 0.2165 0.2205 0.2244 L 0.300 0.400 0.500 0.0118 0.0157 0.0197 T - 0.152 - - 0.0060 - b 0.200 0.250 0.300 0.0079 0.0098 0.0118 e - 0.500 - - 0.0197 - ddd - - 0.080 - - 0.0031 7.30 7.30 0.20 0.30 0.55 0.50 5.80 6.20 6.20 5.60 5.60 5.80 0.75 A0B9_FP_V2 48 1 12 13 24 25 36 37 |