Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32WB35CC Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce STM32WB35CC
Description  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5.2 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CC Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button STM32WB35CC Datasheet HTML 8Page - STMicroelectronics STM32WB35CC Datasheet HTML 9Page - STMicroelectronics STM32WB35CC Datasheet HTML 10Page - STMicroelectronics STM32WB35CC Datasheet HTML 11Page - STMicroelectronics STM32WB35CC Datasheet HTML 12Page - STMicroelectronics STM32WB35CC Datasheet HTML 13Page - STMicroelectronics STM32WB35CC Datasheet HTML 14Page - STMicroelectronics STM32WB35CC Datasheet HTML 15Page - STMicroelectronics STM32WB35CC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 193 page
background image
Introduction
STM32WB55xx STM32WB35xx
12/193
DS11929 Rev 11
1
Introduction
This document provides the ordering information and mechanical device characteristics of
the STM32WB55xx and STM32WB35xx microcontrollers, based on Arm® cores(a).
This document must be read in conjunction with the reference manual (RM0434), available
from the STMicroelectronics website www.st.com.
For information on the device errata with respect to the datasheet and reference manual
refer to the STM32WB55xx and STM32WB35xx errata sheet (ES0394), available from the
STMicroelectronics website www.st.com.
For information on the Arm® Cortex®-M4 and Cortex®-M0+ cores, refer, respectively, to the
Cortex®-M4 Technical Reference Manual and to the Cortex®-M0+ Technical Reference
Manual, both available on the www.arm.com website.
For information on 802.15.4 refer to the IEEE website (www.ieee.org).
For information on Bluetooth® refer to www.bluetooth.com.
a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More