Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L072XZ Fiches technique(PDF) 55 Page - STMicroelectronics

No de pièce STM32L072XZ
Description  Ultra-low-power 32-bit MCU Arm®-based Cortex®-M0, up to 192KB Flash, 20KB SRAM, 6KB EEPROM, USB, ADC, DACs
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L072XZ Fiches technique(HTML) 55 Page - STMicroelectronics

Back Button STM32L072XZ Datasheet HTML 51Page - STMicroelectronics STM32L072XZ Datasheet HTML 52Page - STMicroelectronics STM32L072XZ Datasheet HTML 53Page - STMicroelectronics STM32L072XZ Datasheet HTML 54Page - STMicroelectronics STM32L072XZ Datasheet HTML 55Page - STMicroelectronics STM32L072XZ Datasheet HTML 56Page - STMicroelectronics STM32L072XZ Datasheet HTML 57Page - STMicroelectronics STM32L072XZ Datasheet HTML 58Page - STMicroelectronics STM32L072XZ Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 160 page
background image
Table 19. Alternate functions port C
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
SPI1/SPI2/I2S2/
USART1/2/
LPUART1/USB/
LPTIM1/TSC/
TIM2/21/22/
EVENTOUT/
SYS_AF
SPI1/SPI2/I2S2/I2C1/
TIM2/21
SPI1/SPI2/I2S2/
LPUART1/
USART5/USB/
LPTIM1/TIM2/3
/EVENTOUT/SYS_AF
I2C1/TSC/
EVENTOUT
I2C1/USART1/2/
LPUART1/
TIM3/22/
EVENTOUT
SPI2/I2S2
/I2C2/
USART1/
TIM2/21/22
I2C1/2/
LPUART1/
USART4/
UASRT5/TIM21/E
VENTOUT
I2C3/LPUART1/
COMP1/2/
TIM3
PC0
LPTIM1_IN1
EVENTOUT
TSC_G7_IO1
LPUART1_RX
I2C3_SCL
PC1
LPTIM1_OUT
EVENTOUT
TSC_G7_IO2
LPUART1_TX
I2C3_SDA
PC2
LPTIM1_IN2
SPI2_MISO/
I2S2_MCK
TSC_G7_IO3
PC3
LPTIM1_ETR
SPI2_MOSI/
I2S2_SD
TSC_G7_IO4
PC4
EVENTOUT
LPUART1_TX
PC5
LPUART1_RX
TSC_G3_IO1
PC6
TIM22_CH1
TIM3_CH1
TSC_G8_IO1
PC7
TIM22_CH2
TIM3_CH2
TSC_G8_IO2
PC8
TIM22_ETR
TIM3_CH3
TSC_G8_IO3
PC9
TIM21_ETR
USB_NOE/TIM3_CH4
TSC_G8_IO4
I2C3_SDA
PC10
LPUART1_TX
USART4_TX
PC11
LPUART1_RX
USART4_RX
PC12
USART5_TX
USART4_CK
PC13
PC14
PC15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More