Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32469ZI Fiches technique(PDF) 77 Page - STMicroelectronics

No de pièce STM32469ZI
Description  Arm® Cortex®-M4 32b MCUFPU, 225DMIPS, up to 2MB Flash/3844KB RAM, USB OTG HS/FS, Ethernet, FMC, dual Quad-SPI, Graphical accelerator, Camera IF, LCD-TFT & MIPI DSI
PDF  220 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32469ZI Fiches technique(HTML) 77 Page - STMicroelectronics

Back Button STM32469ZI Datasheet HTML 73Page - STMicroelectronics STM32469ZI Datasheet HTML 74Page - STMicroelectronics STM32469ZI Datasheet HTML 75Page - STMicroelectronics STM32469ZI Datasheet HTML 76Page - STMicroelectronics STM32469ZI Datasheet HTML 77Page - STMicroelectronics STM32469ZI Datasheet HTML 78Page - STMicroelectronics STM32469ZI Datasheet HTML 79Page - STMicroelectronics STM32469ZI Datasheet HTML 80Page - STMicroelectronics STM32469ZI Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 220 page
background image
Port
D
PD0
-
-
-
-
-
-
-
-
-
CAN1_RX
-
-
FMC_D2
-
-
EVENT
OUT
PD1
--
-
-
-
-
-
-
-
CAN1_TX
--
FMC_D3
--
EVENT
OUT
PD2
TRACE
D2
-
TIM3_ETR
--
-
-
-
UART5_
RX
--
-
SDIO_CMD
DCMI_D11
-
EVENT
OUT
PD3
--
-
-
-
SPI2_SCK/I
2S2_CK
-
USART2_
CTS
--
-
-
FMC_CLK
DCMI_D5
LCD_G7
EVENT
OUT
PD4
--
-
-
-
-
-
USART2_
RTS
--
-
-
FMC_NOE
--
EVENT
OUT
PD5
--
-
-
-
-
-
USART2_T
X
--
-
-
FMC_NWE
--
EVENT
OUT
PD6
--
-
-
-
SPI3_MOSI
/I2S3_SD
SAI1_SD_
A
USART2_
RX
--
-
-
FMC_NWAI
T
DCMI_D10
LCD_B2
EVENT
OUT
PD7
--
-
-
-
-
-
USART2_
CK
--
-
-
FMC_NE1
--
EVENT
OUT
PD8
--
-
-
-
-
-
USART3_T
X
--
-
-
FMC_D13
--
EVENT
OUT
PD9
--
-
-
-
-
-
USART3_
RX
--
-
-
FMC_D14
--
EVENT
OUT
PD10
--
-
-
-
-
-
USART3_
CK
--
-
-
FMC_D15
-
LCD_B3
EVENT
OUT
PD11
--
-
-
-
-
-
USART3_
CTS
-
QUADSPI_
BK1_IO0
--
FMC_A16/F
MC_CLE
--
EVENT
OUT
PD12
--
TIM4_CH1
--
-
-
USART3_
RTS
-
QUADSPI_
BK1_IO1
--
FMC_A17/F
MC_ALE
--
EVENT
OUT
PD13
--
TIM4_CH2
--
-
-
-
-
QUADSPI_
BK1_IO3
--
FMC_A18
--
EVENT
OUT
PD14
--
TIM4_CH3
--
-
-
-
-
-
--
FMC_D0
--
EVENT
OUT
PD15
--
TIM4_CH4
--
-
-
-
-
-
--
FMC_D1
--
EVENT
‘OUT
Table 12. Alternate function (continued)
Port
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SYS
TIM1/2
TIM3/4/
5
TIM8/9/
10/11
I2C1/2/3
SPI1/2/3
/4/5/6
SPI2/3/
SAI1
SPI2/3/
USART
1/2/3
USAR
T6/
UART
4/5/7/
8
CAN1/2/
TIM12/
13/14/
QUAD
SPI/LCD
QUAD
SPI/OT
G2_HS
/OTG1
_FS
ETH
FMC/
SDIO/
OTG2_
FS
DCMI/
DSI
HOST
LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More