| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32G0 Fiches technique(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G0 Fiches technique(HTML) 42 Page - STMicroelectronics |
|
42 / 135 page ![]() Pinouts, pin description and alternate functions STM32G071x8/xB 42/135 DS12232 Rev 4 -- - - - 2 C1 4 PC14- OSC32_IN (PC14) I/O FT (1)(2) TIM1_BKIN2 OSC32_IN A5 1 1 2 2 --- PC14- OSC32_IN (PC14) I/O FT (1)(2) TIM1_BKIN2 OSC32_IN,OSC_IN B5 2 2 3 3 3 B1 5 PC15- OSC32_OUT (PC15) I/O FT (1)(2) OSC32_EN, OSC_EN, TIM15_BKIN OSC32_OUT - - - - - 4 D3 6 VBAT S - - - - - - - - - 5 D2 7 VREF+ S - - - VREF_OUT C5 3 3 4 4 6 D1 8 VDD/VDDA S - - - - D5 4 4 5 5 7 E1 9 VSS/VSSA S - - - - -- - - - 8 F1 10 PF0-OSC_IN (PF0) I/O FT - TIM14_CH1 OSC_IN -- - - - 9 G1 11 PF1- OSC_OUT (PF1) I/O FT - OSC_EN, TIM15_CH1N OSC_OUT E5 5 5 6 6 10 E2 12 PF2 - NRST I/O FT - MCO NRST - - - - - - E3 13 PC0 I/O FT - LPTIM1_IN1, LPUART1_RX, LPTIM2_IN1 - - - - - - - F2 14 PC1 I/O FT - LPTIM1_OUT, LPUART1_TX, TIM15_CH1 - - - - - - - G2 15 PC2 I/O FT - LPTIM1_IN2, SPI2_MISO, TIM15_CH2 - - - - - - - H1 16 PC3 I/O FT - LPTIM1_ETR, SPI2_MOSI, LPTIM2_ETR - C4 6 6 7 7 11 H2 17 PA0 I/O FT_a - SPI2_SCK, USART2_CTS, TIM2_CH1_ETR, USART4_TX, LPTIM1_OUT, UCPD2_FRSTX, COMP1_OUT COMP1_INM, ADC_IN0, TAMP_IN2,WKUP1 Table 12. Pin assignment and description (continued) Pin number Pin name (function upon reset) Alternate functions Additional functions |