| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F730X8 Fiches technique(PDF) 66 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F730X8 Fiches technique(HTML) 66 Page - STMicroelectronics |
|
66 / 202 page ![]() Pinouts and pin description STM32F730x8 66/202 DS12536 Rev 2 - - 127 B8 PG12 I/O FT - LPTIM1_IN1, USART6_RTS, SDMMC2_D3, FMC_NE4, EVENTOUT - - - 128 A8 PG13 I/O FT - TRACED0, LPTIM1_OUT, USART6_CTS, FMC_A24, EVENTOUT - - - 129 A7 PG14 I/O FT - TRACED1, LPTIM1_ETR, USART6_TX, QUADSPI_BK2_IO3, FMC_A25, EVENTOUT - - - 130 D7 VSS S - - - - -- 131 C7 VDD S - - - - - - 132 B7 PG15 I/O FT - USART6_CTS, FMC_SDNCAS, EVENTOUT - 55 89 133 A10 PB3(JTDO/TRACES WO) I/O FT - JTDO/TRACESWO, TIM2_CH2, SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, SDMMC2_D2, EVENTOUT - 56 90 134 A9 PB4(NJTRST) I/O FT - NJTRST, TIM3_CH1, SPI1_MISO, SPI3_MISO, SPI2_NSS/I2S2_WS, SDMMC2_D3, EVENTOUT - 57 91 135 A6 PB5 I/O FT (5) TIM3_CH2, I2C1_SMBA, SPI1_MOSI/I2S1_SD, SPI3_MOSI/I2S3_SD, OTG_HS_ULPI_D7, FMC_SDCKE1, EVENTOUT - Table 10. STM32F730x8 pin and ball definition (continued) Pin Number Pin name (function after reset)(1) Alternate functions Additional functions |