| Moteur de recherche de fiches techniques de composants électroniques |
|
TS10 Fiches technique(PDF) 3 Page - CUI INC |
|
|
|||||||||||||||||||||||||||||
TS10 Fiches technique(HTML) 3 Page - CUI INC |
|
3 / 4 page ![]() cuidevices.com CUI Devices │ SERIES: TS10 │ DESCRIPTION: TACTILE SWITCH date 11/23/2021 │ page 3 of 4 260 max. ec m 230 180 150 SOLDERABILITY parameter conditions/description min typ max units hand soldering for maximum 3 seconds 350 °C reflow soldering1 see reflow profile 260 °C Notes: 1. Do not exceed 2 reflow cycles. PACKAGING units: mm Reel QTY: 3,000 pcs per reel Additional Resources: Product Page |