Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SY75604B Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce SY75604B
Description  2/4 Outputs Ultra-Low Additive Jitter PCIe 1/2/3/4/5 Clock Buffer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SY75604B Fiches technique(HTML) 17 Page - Microchip Technology

Back Button SY75604B Datasheet HTML 13Page - Microchip Technology SY75604B Datasheet HTML 14Page - Microchip Technology SY75604B Datasheet HTML 15Page - Microchip Technology SY75604B Datasheet HTML 16Page - Microchip Technology SY75604B Datasheet HTML 17Page - Microchip Technology SY75604B Datasheet HTML 18Page - Microchip Technology SY75604B Datasheet HTML 19Page - Microchip Technology SY75604B Datasheet HTML 20Page - Microchip Technology SY75604B Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
2021 Microchip Technology Inc. and its subsidiaries
DS20006508B-page 17
SY75602A/02B/603A/03B/604A/04B
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Contact Pitch
MILLIMETERS
0.40 BSC
MIN
E
MAX
Contact Pad Length (Xnn)
Contact Pad Width (Xnn)
Y
X
0.85
0.20
NOM
C
Contact Pad Spacing
1.30
Contact Pad to Contact Pad (Xnn)
G
0.45
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Microchip Technology Drawing C04-27509 Rev A
C
X
Y
G
E
SILK SCREEN
12
8
8-Lead Very Thin Dual Flat, No Lead Package (NNC) - 1.6x1.4x0.9 mm Body [VDFN]
With Stepped Wettable Flanks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26