Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF8545ATT Fiches technique(PDF) 43 Page - NXP Semiconductors

No de pièce PCF8545ATT
Description  Automotive 40 횞 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8545ATT Fiches technique(HTML) 43 Page - NXP Semiconductors

Back Button PCF8545ATT Datasheet HTML 39Page - NXP Semiconductors PCF8545ATT Datasheet HTML 40Page - NXP Semiconductors PCF8545ATT Datasheet HTML 41Page - NXP Semiconductors PCF8545ATT Datasheet HTML 42Page - NXP Semiconductors PCF8545ATT Datasheet HTML 43Page - NXP Semiconductors PCF8545ATT Datasheet HTML 44Page - NXP Semiconductors PCF8545ATT Datasheet HTML 45Page - NXP Semiconductors PCF8545ATT Datasheet HTML 46Page - NXP Semiconductors PCF8545ATT Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 54 page
background image
PCA8576F
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 3 — 3 December 2014
43 of 54
NXP Semiconductors
PCA8576F
Automotive 40 × 4 LCD driver
S14
32
485.28
876.6
LCD segment outputs
S15
33
568.53
876.6
S16
34
651.78
876.6
S17
35
735.03
876.6
S18
36
1005.5
625.59
S19
37
1005.5
541.62
S20
38
1005.5
458.19
S21
39
1005.5
374.76
S22
40
1005.5
291.33
S23
41
1005.5
207.9
S24
42
1005.5
124.47
S25
43
1005.5
41.04
S26
44
1005.5
42.39
S27
45
1005.5
125.8
S28
46
1005.5
209.3
S29
47
1005.5
292.7
S30
48
1005.5
376.1
S31
49
1005.5
459.5
S32
50
1005.5
543
S33
51
1005.5
625.6
S34
52
735.03
876.6
S35
53
663.03
876.6
S36
54
591.03
876.6
S37
55
519.03
876.6
S38
56
447.03
876.6
S39
57
375.03
876.6
SDA
58
196.38
876.6
I2C-bus serial data input/output
SDA
59
106.38
876.6
Table 26.
Alignment marks
All x/y coordinates represent the position of the center of each alignment mark with respect to the
center (x/y = 0) of the chip (see Figure 2, and Figure 31).
Symbol
Location
Dimension
X (
m)
Y (
m)
Diameter (
m)
C1
930.42
870.3
72
C2
829.98
870.3
72
Table 25.
Bump location for PCA8576FUG …continued
All x/y coordinates represent the position of the center of each pad with respect to the center
(x/y = 0) of the chip (see Figure 2, and Figure 31).
Symbol
Pad
X (
m)
Y (
m)
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54