Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MDEV-FFF-RC Fiches technique(PDF) 15 Page - Linx Technologies

No de pièce MDEV-FFF-RC
Description  HumRCTM Series Master Development System
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINX [Linx Technologies]
Site Internet  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-RC Fiches technique(HTML) 15 Page - Linx Technologies

Back Button MDEV-FFF-RC Datasheet HTML 11Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 12Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 13Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 14Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 15Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 16Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 17Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 18Page - Linx Technologies MDEV-FFF-RC Datasheet HTML 19Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
–
–
–
–
24
25
Once the module is dropped into the Given Permissions window it is
written to the active module’s memory. Clicking on the down arrow displays
the paired module’s Permissions Mask. This configures which output lines
the paired module is authorized to control. In Figure 25 the Permissions are
inactive since the active module only has inputs and no outputs to control.
Figure 25: The Master Development System Software Paired Modules
Figure 24: The Master Development System Software Pairing Modules
Changing the active module is accomplished by dragging a module from
the Available list to the Active spot, as shown in Figure 26.
With the new module active, drag the original module to the Given
Permissions window. Click on the Advanced Configuration tab (Figure 27).
Figure 26: The Master Development System Software Changing the Active Module
Figure 27: The Master Development System Software Advanced Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25