Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DMX250 Fiches technique(PDF) 20 Page - Yamar Electronics Ltd.

No de pièce DMX250
Description  DMX/RDM Over Powerline Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  YAMAR [Yamar Electronics Ltd.]
Site Internet  http://www.yamar.com
Logo YAMAR - Yamar Electronics Ltd.

DMX250 Fiches technique(HTML) 20 Page - Yamar Electronics Ltd.

Back Button DMX250 Datasheet HTML 16Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 17Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 18Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 19Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 20Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 21Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 22Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 23Page - Yamar Electronics Ltd. DMX250 Datasheet HTML 24Page - Yamar Electronics Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
Data may be changed without notice - Proprietary information of Yamar Electronics Ltd.
©2019-2022 Yamar Electronics Ltd.
20
DS-DMX250 R 0.80
www.yamar.com
Tel: +972-3-5445294 Fax: +972-3-5445279
1
st byte is the write command byte.
2
nd byte is the designated control register address to write to.
3
rd byte is the data byte value to write.
For example, writing 0x34 to REG_3 (address 0x03) preformed as follows:
1. Lower the HDC pin (Enter Command mode).
2. Wait at least 100nsec
3. Transfer 3 bytes: [0xF5][0x03][0x34]
4. The value 0x34 is written to REG_3.
5. Wait for at least 100ns.
6. Raise the HDC pin (Exit Command mode to Normal mode).
5.10.2
READ-REG command
A READ-REG command consists of 2 bytes as described in Table 13.
Table 13 - READ-REG command structure
1
st Byte
2
nd Byte
0xFD
Control register address
1
st byte is the Read command byte.
2
nd byte is the designated register address to read from.
Following the second byte, the DMX250 outputs the register value to DMX-controller.
For example, reading from REG_2 (address 0x02) is performed as follows:
1. Lower the HDC pin (Enter Command mode).
2. Wait at least 100nsec
3. Transfer 2 bytes: [0xFD][0x02]
4. Wait for the DMX250 to output the value of REG_2.
5. Wait for at least 100ns.
6. Raise the HDC pin (Exit Command mode to Normal mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28