Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GDVIMVGAF Fiches technique(PDF) 1 Page - IOGEAR

No de pièce GDVIMVGAF
Description  DVI-A (M) to VGA (F) Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IOGEAR [IOGEAR]
Site Internet  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GDVIMVGAF Fiches technique(HTML) 1 Page - IOGEAR

  GDVIMVGAF Datasheet HTML 1Page - IOGEAR GDVIMVGAF Datasheet HTML 2Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GDVIMVGAF
DVI-A (M) to VGA (F)
Adapter
IOGEAR's DVI-A (M) to VGA (F) Video Adapter allows you to connect a DVI-A device to a VGA device using an VGA cable. One end
of the adapter is an DVI-A male connector and the other end is VGA female connector. Simply plug the DVI-A male connector to a
DVI-A supported device, and then connect a VGA cable which is plugged into the VGA device to the VGA connection on the adapter.
DVI-A male connector
VGA female connector


Numéro de pièce similaire - GDVIMVGAF

FabricantNo de pièceFiches techniqueDescription
logo
ams AG
GDVJLPE1.14 AMSCO-GDVJLPE1.14 Datasheet
1Mb / 22P
Industry most compact high power chip-scale package LED with high performance, superior robustness and long lifetime.
Version 1.2 2022-10-17
GDVJLPE1.14-T1T4-AD-1 AMSCO-GDVJLPE1.14-T1T4-AD-1 Datasheet
1Mb / 22P
Industry most compact high power chip-scale package LED with high performance, superior robustness and long lifetime.
Version 1.2 2022-10-17
logo
OSRAM GmbH
GDVJLPL1.14 OSRAM-GDVJLPL1.14 Datasheet
1Mb / 22P
The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.
Version 1.2 2024-04-03
GDVJLPL1.14-UNUO-34-1 OSRAM-GDVJLPL1.14-UNUO-34-1 Datasheet
1Mb / 22P
The OSLON Pure® 1414, one of the best lumen density, excellent efficiency and color homogeneity.
Version 1.2 2024-04-03
More results

Description similaire - GDVIMVGAF

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
P120-000 ETC2-P120-000 Datasheet
494Kb / 2P
DVI to VGA Cable Adapter (DVI-A Analog-M to HD15-F)
logo
Tripp Lite. All Rights ...
P12008N TRIPPLITE-P12008N Datasheet
482Kb / 2P
DVI to VGA Adapter Cable (DVI-I Dual Link to HD15 M-F), 8-in
P120000 TRIPPLITE-P120000 Datasheet
491Kb / 2P
DVI to VGA Cable Adapter (DVI-I Analog to HD15 M-F)
P122000 TRIPPLITE-P122000 Datasheet
500Kb / 2P
DVI to DFP Display Adapter (M-F)
P126000 TRIPPLITE-P126000 Datasheet
502Kb / 2P
DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
P1200012 TRIPPLITE-P1200012 Datasheet
477Kb / 2P
DVI to VGA Y Splitter Adapter Cable (DVI-I-M to 2x HD15-F), 1-ft
P120-000 TRIPPLITE-P120-000 Datasheet
175Kb / 2P
DVI to VGA Cable Adapter (DVI-A to HD15 M/F)
P120-001-2 TRIPPLITE-P120-001-2 Datasheet
157Kb / 2P
DVI to VGA Y Splitter Adapter Cable (DVI-I-M to 2x HD15-F), 1-ft.
P120-08N TRIPPLITE-P120-08N Datasheet
158Kb / 2P
DVI to VGA Adapter Cable (DVI-I Dual Link to HD15 M/F), 8-in.
P126-000 TRIPPLITE-P126-000 Datasheet
167Kb / 2P
DVI to VGA Cable Adapter (DVI-I to HD15 F/M)
More results


Html Pages

1 2