Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MDEV-FFF-DT Fiches technique(PDF) 3 Page - Linx Technologies

No de pièce MDEV-FFF-DT
Description  HumDTTM Series Master Development System
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINX [Linx Technologies]
Site Internet  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

MDEV-FFF-DT Fiches technique(HTML) 3 Page - Linx Technologies

  MDEV-FFF-DT Datasheet HTML 1Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 2Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 3Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 4Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 5Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 6Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 7Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 8Page - Linx Technologies MDEV-FFF-DT Datasheet HTML 9Page - Linx Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
–
–
1
Introduction
The Linx HumDTTM Series Remote Control Transceiver modules offer
a simple, efficient and cost-effective method of adding remote control
capabilities to any product. The Master Development System provides a
designer with all the tools necessary to correctly and legally incorporate the
module into an end product. The boards serve several important functions:
• Rapid Module Evaluation: The boards allow the performance of the
Linx HumDT™ Series modules to be evaluated quickly in a user’s
environment. The development boards can be used to evaluate the
range performance of the modules.
• Application Development: A prototyping board allows the development
of custom circuits directly on the board. All signal lines are available on
headers for easy access.
• Software Development: A programming dock with a PC interface allows
development and testing of custom software applications for control of
the module.
• Design Benchmark: The boards provide a known benchmark against
which the performance of a custom design may be judged.
The Master Development System includes 2 Carrier Boards, 2
Programming Dock Boards, 2 Prototype Boards, 4 HumDT™ Series
transceivers*, antennas, USB cables and full documentation.
* One part is soldered to each Carrier Board
HumDTTM Master Development System
User's Guide
Figure 1: HumDTTM Series Master Development System
Revised 8/30/2017



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19