Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PI6C21200VE Fiches technique(PDF) 4 Page - Pericom Semiconductor Corporation

No de pièce PI6C21200VE
Description  1:12 Clock Driver for Intel PCI-Express Chipsets
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PERICOM [Pericom Semiconductor Corporation]
Site Internet  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C21200VE Fiches technique(HTML) 4 Page - Pericom Semiconductor Corporation

  PI6C21200VE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI6C21200VE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
PS8820
02/28/06
PI6C21200
1:12 Clock Driver for Intel
PCI-Express Chipsets
Random Byte Read and Write Protocol
Byte Write Protocol
Byte Read Protocol
Bit
Description
Bit
Description
1
Start
1
Start
2:8
Slave address - 7 bits
2:8
Slave address - 7 bits
9
Write = 0
9
Write - 0
10
Acknowledge from slave
10
Acknowledge from slave
11:18
Command Code - 8 bits
'100xxxxx' stands for byte operation, bits[6:0]
of the command code represents the offset of
the byte to be accessed.
11:18
Command Code - 8 bits
'100xxxxx' stands for byte operation, bits[6:0]
of the command code represents the offset of the
byte to be accessed.
19
Acknowledge from slave
19
Acknowledge from slave
20:27
Data byte from master - 8 bits
20:27
Repeat start
28
Acknowledge from slave
21:27
Slave address - 7 bits
29
Stop
28
Read = 1
29
Acknowledge from slave
30:37
Data byte from slave - 8 bits
38
Acknowledge from master - 38 bits
39
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15