Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GSTYA100 Fiches technique(PDF) 2 Page - IOGEAR

No de pièce GSTYA100
Description  PenScript??Active Stylus for Smartphones and Tablets
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IOGEAR [IOGEAR]
Site Internet  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GSTYA100 Fiches technique(HTML) 2 Page - IOGEAR

  GSTYA100 Datasheet HTML 1Page - IOGEAR GSTYA100 Datasheet HTML 2Page - IOGEAR GSTYA100 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Requirements
Any capacitive touch
screen device
*GSTYA100 is
compatible with iPad
Pro only for S/N
starting from
O84USSC100001
*Compatible model
list: (The list it not
completed and is
continue to expand
with update info)
Apple: Iphone XS
Max/XR/X/8/7/6/5
Samsung: Galaxy S8/
S8+/S9/S9+/Note9
Micorosft:
Surfacebook 2/
Laptop/Pro/Go
Huawei: M5/M5
Pro/P20/P20
Pro/Mate 10/Mate 10
Pro/Mate20/Mate
20X/Mate20
Pro/Nova 4
Vivo: z3/x23/Nex
Oppo:
K1/R15/R17/A7X
Xiao Mi: 8/MIX 2S/3
Package Contents
1 x PenScript™ Active
Stylus
1 x Alkaline AAA
Battery
1 x Quick Start Guide
1 x Warranty Card



Html Pages

1 2 3