| Moteur de recherche de fiches techniques de composants électroniques |
|
USB7216 Fiches technique(PDF) 41 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB7216 Fiches technique(HTML) 41 Page - Microchip Technology |
|
41 / 61 page ![]() 2018 - 2020 Microchip Technology Inc. DS00003143B-page 41 USB7216 8.11.3 USB BUS RESET In response to the upstream port signaling a reset to the device, the device performs the following: 1. Sets default address to 0. 2. Sets configuration to Unconfigured. 3. Moves device from suspended to active (if suspended). 4. Complies with the USB Specification for behavior after completion of a reset sequence. The host then configures the device in accordance with the USB Specification. Note: The device does not propagate the upstream USB reset to downstream devices. |