| Moteur de recherche de fiches techniques de composants électroniques |
|
USB4715 Fiches technique(PDF) 15 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB4715 Fiches technique(HTML) 15 Page - Microchip Technology |
|
15 / 47 page ![]() 2022 Microchip Technology Inc. and its subsidiaries DS00002514B-page 15 USB4715 UART_TX O12 UART Transmit UART_RX I UART Receive SMBus Master Interface SMB1_CLK I/OD12 SMBus Master Clock SMB1_DAT I/OD12 SMBus Master Data SMBus Slave Interface SMB2_CLK I/OD12 SMBus Slave Clock For proper SMBus slave operation, an external 10 kΩ resistor is required on this signal. SMB2_DAT I/OD12 SMBus Slave Data For proper SMBus slave operation, an external 10 kΩ resistor is required on this signal. I2S Interface I2S_SCK O12 I2S Continuous Serial Clock I2S_LRCK O12 I2S Word Select / Left-Right Clock I2S_MCLK O12 I2S Master Clock I2S_SDOUT O12 I2S Serial Data Out I2S_SDIN I I2S Serial Data In MIC_DET I I2S MIC Plug Detect 0 = No microphone plugged into the audio jack 1 = Microphone plugged into the audio jack Miscellaneous GPIOx I/O12 General Purpose Inputs/Outputs (x = 6, 8, 10-11) CONNECT_IND[4:1] O12 Downstream Port 4-1 Connect Indicator 1 = USB 2.0 or USB 1.1 connection to port 0 = Nothing connected to port TABLE 3-7: PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED) Function Buffer Type Description |