Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GHMS8422 Fiches technique(PDF) 2 Page - IOGEAR

No de pièce GHMS8422
Description  2x2 Video Matrix Switch with Cinema 4K and RS-232(TAA Compliant)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IOGEAR [IOGEAR]
Site Internet  https://www.iogear.com/
Logo IOGEAR - IOGEAR

GHMS8422 Fiches technique(HTML) 2 Page - IOGEAR

  GHMS8422 Datasheet HTML 1Page - IOGEAR GHMS8422 Datasheet HTML 2Page - IOGEAR GHMS8422 Datasheet HTML 3Page - IOGEAR  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Requirements
2 x HDMI Sources
with HDMI Output
2 x HDMI Displays
with HDMI Input
Package Contents
1 x Rack Mount Kit
1 x Power Adapter
1 x IR Remote
Control
1 x IR Extender
Cable
1 x Quick Start Guide
1 x Warranty Card



Html Pages

1 2 3