Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS5304 Fiches technique(PDF) 19 Page - ams AG

No de pièce AS5304
Description  Integrated Hall ICs for Linear and Off-Axis Rotary Motion Detection
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSCO [ams AG]
Site Internet  http://www.ams.com
Logo AMSCO - ams AG

AS5304 Fiches technique(HTML) 19 Page - ams AG

Back Button AS5304 Datasheet HTML 15Page - ams AG AS5304 Datasheet HTML 16Page - ams AG AS5304 Datasheet HTML 17Page - ams AG AS5304 Datasheet HTML 18Page - ams AG AS5304 Datasheet HTML 19Page - ams AG AS5304 Datasheet HTML 20Page - ams AG AS5304 Datasheet HTML 21Page - ams AG AS5304 Datasheet HTML 22Page - ams AG AS5304 Datasheet HTML 23Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 31 page
background image
ams Datasheet
Page 19
[v2-00] 2017-May-03
Document Feedback
AS5304/AS5306 − Detailed Description
The AO Output
The Analog Output (AO) provides an analog output voltage that
represents the Automatic Gain Control (AGC) of the Hall sensors
signal control loop.
This voltage can be used to monitor the magnetic field strength
and hence the gap between magnet and chip surface:
• Short distance between magnet and IC -> strong magnetic
field -> low loop gain -> low AO voltage
• Long distance between magnet and IC -> weak magnetic
field -> high loop gain -> high AO voltage
Figure 19:
AO vs. AGC, Magnetic Field Strength, Magnet-to-IC Gap
vertical gap
VAO [V]
0.5
1.2
3
5.1
strong field,
low AGC
weak field,
high AGC
recommended range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31