| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3418 Fiches technique(PDF) 26 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3418 Fiches technique(HTML) 26 Page - ams AG |
|
26 / 77 page ![]() Document Feedback AS3418 Functional Description Datasheet • PUBLIC DS000507 • v4-00 • 2020-Jan-23 77 │ 26 off mode or if the headset runs out of battery. Figure 29 shows the basic music playback path of the AS3418 with a full battery. In this mode the line input signal is feed to the headphone amplifier. The integrated bypass switches are automatically disabled in this operation mode. Figure 29: Bypass Mode Inactive Figure 30 shows the AS3418 in off mode with an empty battery. This is basically the same use case as no battery at all. In this mode the internal bypass switch becomes active. The headphone amplifier is not powered because the headset has run out of battery and the bypass switch becomes active. Thus the music signal coming from the 3.5mm audio jack is routed through the ANC chip, without any power source connected to the device, to the speakers. The integrated bypass switch works even without any battery connected to the device. It helps to reduce BOM costs and PCB area. Furthermore it facilitates new industrial designs to ANC solutions. Music Bypass Music Bypass BPL BPR AGND LINL LINR 100% 3.5mm audio jack HPR HPL |