Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ANT-450-RHS-SMA Fiches technique(PDF) 3 Page - Linx Technologies

No de pièce ANT-450-RHS-SMA
Description  450 MHz Cellular LTE Antenna
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINX [Linx Technologies]
Site Internet  https://linxtechnologies.com/wp/
Logo LINX - Linx Technologies

ANT-450-RHS-SMA Fiches technique(HTML) 3 Page - Linx Technologies

  ANT-450-RHS-SMA Datasheet HTML 1Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 2Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 3Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 4Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 5Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 6Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 7Page - Linx Technologies ANT-450-RHS-SMA Datasheet HTML 8Page - Linx Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Datasheet
ANT-450-RHS-SMA
VSWR
Figure 3 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes
the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna
performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of
the percentage of transmitter power reflected back from the antenna.
0
10
20
30
40
1
2
3
4
5
440
445
450
455
460
465
470
475
480
Frequency (MHz)
Figure 3. VSWR for ANT-450-RHS-SMA
Antenna Orientation
The charts on the following pages represent data taken with the antenna oriented at the center of the ground
plane, as shown in Figure 2.
Figure 2. ANT-450-RHS-SMA Shown at the Center of the Ground Plane



Html Pages

1 2 3 4 5 6 7 8