| Moteur de recherche de fiches techniques de composants électroniques |
|
DS18S20Z Fiches technique(PDF) 4 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
DS18S20Z Fiches technique(HTML) 4 Page - Maxim Integrated Products |
|
4 / 21 page ![]() PIN NAME FUNCTION TO-92 SO 1 5 GND Ground 2 4 DQ Data Input/Output. Open-drain 1-Wire interface pin. Also provides power to the device when used in parasite power mode (see the Powering the DS18S20 section.) 3 3 VDD Optional VDD. VDD must be grounded for operation in parasite power mode. — 1, 2, 6, 7, 8 N.C. No Connection Figure 2. Timing Diagrams START OF NEXT CYCLE 1-Wire WRITE ZERO TIME SLOT tREC tSLOT tLOW0 1-Wire READ ZERO TIME SLOT tREC tSLOT START OF NEXT CYCLE tRDV 1-Wire RESET PULSE 1-Wire PRESENCE DETECT tRSTL tRSTH tPDHIGH PRESENCE DETECT tPDLOW RESET PULSE FROM HOST DS18S20 High-Precision 1-Wire Digital Thermometer www.maximintegrated.com Maxim Integrated │ 4 Pin Description |