Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD9887APCB Fiches technique(PDF) 43 Page - Analog Devices

No de pièce AD9887APCB
Description  Dual Interface for Flat Panel Displays
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD9887APCB Fiches technique(HTML) 43 Page - Analog Devices

Back Button AD9887APCB Datasheet HTML 36Page - Analog Devices AD9887APCB Datasheet HTML 37Page - Analog Devices AD9887APCB Datasheet HTML 38Page - Analog Devices AD9887APCB Datasheet HTML 39Page - Analog Devices AD9887APCB Datasheet HTML 40Page - Analog Devices AD9887APCB Datasheet HTML 41Page - Analog Devices AD9887APCB Datasheet HTML 42Page - Analog Devices AD9887APCB Datasheet HTML 43Page - Analog Devices AD9887APCB Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
REV. 0
AD9887A
–43–
OUTLINE DIMENSIONS
160-Lead Metric Quad Flatpack Package [MQFP]
(S-160)
Dimensions shown in millimeters
0.50
0.25
0.65
BSC
25.35
REF
0.40
0.22
121
160
1
120
40
80
81
TOP VIEW
(PINS DOWN)
PIN 1
41
4.10
MAX
1.03
0.88
0.73
3.60
3.40
3.20
0.10 MIN
COPLANARITY
SEATING
PLANE
31.20
BSC
SQ
28.00
BSC
SQ
COMPLIANT TO JEDEC STANDARDS MS-022DD-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44