Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DN8899UAS Fiches technique(PDF) 3 Page - Panasonic Semiconductor

No de pièce DN8899UAS
Description  Hall IC for alternative magnetic field SOH-4D type
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANASONIC [Panasonic Semiconductor]
Site Internet  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DN8899UAS Fiches technique(HTML) 3 Page - Panasonic Semiconductor

  DN8899UAS Datasheet HTML 1Page - Panasonic Semiconductor DN8899UAS Datasheet HTML 2Page - Panasonic Semiconductor DN8899UAS Datasheet HTML 3Page - Panasonic Semiconductor DN8899UAS Datasheet HTML 4Page - Panasonic Semiconductor DN8899UAS Datasheet HTML 5Page - Panasonic Semiconductor DN8899UAS Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Hall ICs
DN8899UAS
3
Note) 1. Symbol BH-L stands for the operating magnetic flux density where its output level varies from high to low.
2. Symbol BL-H stands for the operating magnetic flux density where its output level varies from low to high.
3. The variation of operating magnetic flux density does not depend on supply voltage due to its built-in stabilized power
source. (VCC should be confined to the range of 4.5 V to 16 V.)
s Electrical Characteristics
1. Electrical Characteristics at Ta = 25°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating magnetic flux density 1
BH-L1
VCC = 12 V
0.1
612
mT
Operating magnetic flux density 2
BL-H1
VCC = 12 V
−12
−6
− 0.1
mT
Hysteresis width
BW
VCC = 12 V
7
12
mT
Output voltage 1
VOL1
VCC = 4.5 V, IO = 15 mA

0.4
V
B
= 12 mT
Output voltage 2
VOL2
VCC = 16 V, IO = 15 mA

0.4
V
B
= 12 mT
Output current 1
IOH1
VCC = 4.5 V, VO = 16 V

10
µA
B
= −12 mT
Output current 2
IOH2
VCC =16 V, VO = 16 V

10
µA
B
= −12 mT
Supply current 1
ICC1
VCC = 4.5 V, B = 12 mT

6.5
mA
Supply current 2
ICC2
VCC = 16 V, B = 12 mT

7.0
mA
2. Electrical Characteristics at Ta = 135°C ± 10°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Operating magnetic flux density 3
BH-L2
VCC = 12 V

15
mT
Operating magnetic flux density 4
BL-H2
VCC = 12 V
−15

mT
Output voltage 3
VOL3
VCC = 4.5 V, IO = 15 mA

0.4
V
B
= 15 mT
Output voltage 4
VOL4
VCC = 16 V, IO = 15 mA

0.4
V
B
= 15 mT
Output current 3
IOH3
VCC = 4.5 V, VO = 16 V

10
µA
B
= −15 mT
Output current 4
IOH4
VCC =16 V, VO = 16 V

10
µA
B
= −15 mT
Supply current 3
ICC3
VCC = 4.5 V, B = 15 mT

6.5
mA
Supply current 4
ICC4
VCC = 16 V, B = 15 mT

7.0
mA



Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com