| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7656BSTZ Fiches technique(PDF) 3 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7656BSTZ Fiches technique(HTML) 3 Page - Analog Devices |
|
3 / 25 page ![]() Preliminary Technical Data AD7658/AD7657/AD7656 Rev. PrI | Page 3 of 25 AD7658 SPECIFICATIONS1 Table 1. AVCC = 4.5 V to 5.5 V, VDD = 9.5 V to 16.5 V, VSS = -9.5 V to -16.5V, DVCC = 4.5 V to 5.5 V, VDRIVE = 2.7V to 5.25V, fSAMPLE = 250 kSPS, VREF = 2.5V Internal/External, unless otherwise noted; TA = TMIN to TMAX, unless otherwise noted Parameter B Versions1 Unit Test Conditions/Comments DYNAMIC PERFORMANCE fIN = 50 kHz sine wave Signal-to-Noise + Distortion (SINAD)2 70 dB min 71 dB typ Total Harmonic Distortion (THD) 2 −92 dB typ Peak Harmonic or Spurious Noise (SFDR) 2 −-TBD dB typ Intermodulation Distortion (IMD) 2 Second-Order Terms −94 dB typ Third-Order Terms −100 dB typ Aperture Delay 20 ns max Aperature Delay Matching 2 ns max 100 ps typ Aperture Jitter 30 ps typ Full Power Bandwidth 8 MHz typ @ −3 dB 2.2 MHz typ @ −0.1 dB DC ACCURACY No Missing Codes 12 Bits min Integral Nonlinearity2 ±1 LSB typ Positive Full Scale Error2 ±0.4 % FS max Bipolar Zero Error2 ±2.1 mV max VDD = 5.5 V Negative Full Scale Error2 ±0.4 % FS max ANALOG INPUT Input Voltage Ranges ±4xVREF V RNG bit/RANGE pin = 0 ±2xVREF V RNG bit/RANGE pin = 1 DC Leakage Current ±0.3 µA max Input Capacitance 30 pF typ REFERENCE INPUT/OUTPUT Reference output voltage 2.49/2.51 V min/max Reference input Voltage range 2.5/3 V min/max DC Leakage current ±0.5 µA max VREF Pin Input capacitance 20 pF typ VREF Output Impedance 1 kOhms typ Reference temperature Coefficient 25 ppm/°C max 10 ppm/°C typ LOGIC INPUTS Input High Voltage, VINH 0.7 x VDRIVE V min Input Low Voltage, VINL 03 x VDRIVE V max Input Current, IIN ±0.3 µA max Typically 10 nA, VIN = 0 V or VCC Input Capacitance, CIN3 10 pF max LOGIC OUTPUTS Output High Voltage, VOH VDRIVE – 0.2 V min ISOURCE = 200 µA; Output Low Voltage, VOL 0.4 V max ISINK = 200 µA Floating-State Leakage Current ±0.3 µA max Floating-State Output Capacitance3 10 pF max Output Coding Two’s Complement CONVERSION RATE Conversion Time 3 µs max Track-and-Hold Acquisition Time 400 ns max Throughput Rate 250 kSPS POWER REQUIREMENTS VDD +9.5V/+16.5V V min/max |