Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SSD1821 Fiches technique(PDF) 2 Page - List of Unclassifed Manufacturers

No de pièce SSD1821
Description  LCD Segment / Common Driver with Controller CMOS
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC1 [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC1 - List of Unclassifed Manufacturers

SSD1821 Fiches technique(HTML) 2 Page - List of Unclassifed Manufacturers

  SSD1821 Datasheet HTML 1Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 2Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1821 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
SSD1820A/21
2
REV 1.4
01/03
SOLOMON
LCD Driving
Voltage Generator
2X / 3X / 4X / 5X /6X
DC/DC Converter,
Voltage Regulator,
Bias Divider,
Contrast Control,
Temperature
Compensation
COM0 to
COM63/79 SEG0~SEG127
VSS
V DD
D7
VL6
VCC
VR
GDDRAM
128 X 65 Bits (SSD1820A)
128 x 81 Bits (SSD1821)
Command Decoder
Parallel / Serial Interface
Command Interface
Display
Timing
Generator
193 Bit Latch (SSD1820A)
209 Bit Latch (SSD 1821)
HV Buffer Cell Level Shifter
Level
Selector
Oscillator
D6 D5 D4 D3 D2 D1 D0
(SDA)(SCK)
V SS
Block Diagram
ICONS
REF
INTRS
VCI
C1P
C2P
C3P
C 4P
C1N
C2N
VEXT
RES PS0
PS1
CS
D/ C
R/W
E
VL5
VL4
VL3
VL2
(WR) (RD)
C 5P
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43