Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UT54ACS164245SWC Fiches technique(PDF) 13 Page - Aeroflex Circuit Technology

No de pièce UT54ACS164245SWC
Description  RadHard Schmitt CMOS 16-bit Bidirectional MultiPurpose Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AEROFLEX [Aeroflex Circuit Technology]
Site Internet  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT54ACS164245SWC Fiches technique(HTML) 13 Page - Aeroflex Circuit Technology

Back Button UT54ACS164245SWC Datasheet HTML 6Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 7Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 8Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 9Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 10Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 11Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 12Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 13Page - Aeroflex Circuit Technology UT54ACS164245SWC Datasheet HTML 14Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
UT54ACS164245S
UT54 *** ****** * * *
Lead Finish:
(C)
=
Gold
Screening:
(C)
=
Mil Temp
(P)
=
Prototype
(W) =
Extended Industrial Temp (-40oC to +125 oC)
Package Type:
(U)
=
48-lead BB FP (Gold only)
Part Number:
(164245S) = 16-bit MultiPurpose Transceiver
I/O Type:
(ACS)=
CMOS compatible I/O Level
UTMC Core Part Number
Notes:
1. Military Temperature Range flow per UTMC Manufacturing Flows Document. Devices are tested -55C, room temp, and 125C. Radiation n either tested
nor guaranteed.
2. Prototype flow per UTMC Manufacturing Flows Document Tested at 25C only. Lead finish is gold only.
3. Extended Industrial Temperature Range Flow per UTMC Manufacturing Flows Document. Devices are tested at -40oC, room temp, and
+125 oC. Radiation is neither tested nor guaranteed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14