| Moteur de recherche de fiches techniques de composants électroniques |
|
UCS2113 Fiches technique(PDF) 54 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
UCS2113 Fiches technique(HTML) 54 Page - Microchip Technology |
|
54 / 62 page ![]() UCS2113 DS20005680B-page 54 2016-2021 Microchip Technology Inc. and its subsidiaries B A 0.15 C 0.15 C 0.10 C A B 0.05 C (DATUM B) (DATUM A) C SEATING PLANE NOTE 1 N 2X TOP VIEW SIDE VIEW BOTTOM VIEW NOTE 1 1 2 N 0.10 C A B 0.10 C A B 0.10 C 0.08 C Microchip Technology Drawing C04-126-G4 Rev D Sheet 1 of 2 D E A (A3) 20X b e 2X D2 E2 K L 20X A1 For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: 20-Lead Plastic Quad Flat, No Lead Package (G4) - 4x4 mm Body [QFN] Also called VQFN 1 2 |