Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3036330 Fiches technique(PDF) 3 Page - PHOENIX CONTACT

No de pièce 3036330
Description  Double-level spring-cage terminal block - STTB 2,5-L/N
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3036330 Fiches technique(HTML) 3 Page - PHOENIX CONTACT

  3036330 Datasheet HTML 1Page - PHOENIX CONTACT 3036330 Datasheet HTML 2Page - PHOENIX CONTACT 3036330 Datasheet HTML 3Page - PHOENIX CONTACT 3036330 Datasheet HTML 4Page - PHOENIX CONTACT 3036330 Datasheet HTML 5Page - PHOENIX CONTACT 3036330 Datasheet HTML 6Page - PHOENIX CONTACT 3036330 Datasheet HTML 7Page - PHOENIX CONTACT 3036330 Datasheet HTML 8Page - PHOENIX CONTACT 3036330 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
https://www.phoenixcontact.com/pi/products/3036330
09/12/2020   Page 3 / 19
Double-level spring-cage terminal block - STTB 2,5-L/N - 3036330
Technical data
Connection data
Internal cylindrical gage
A3
Standards and Regulations
Connection in acc. with standard
CSA
IEC 60947-7-1
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings
Circuit diagram
Classifications
eCl@ss
eCl@ss 10.0.1
27141120
eCl@ss 4.0
27141100
eCl@ss 4.1
27141100
eCl@ss 5.0
27141100
eCl@ss 5.1
27141100
eCl@ss 6.0
27141100
eCl@ss 7.0
27141120
eCl@ss 8.0
27141120



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19