| Moteur de recherche de fiches techniques de composants électroniques |
|
LTC4213 Fiches technique(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC4213 Fiches technique(HTML) 20 Page - Analog Devices |
|
20 / 22 page ![]() LTC4213 20 Rev. A For more information www.analog.com PACKAGE DESCRIPTION 1.50 – 1.75 (NOTE 4) 2.80 BSC 0.22 – 0.36 8 PLCS (NOTE 3) DATUM ‘A’ 0.09 – 0.20 (NOTE 3) TS8 TSOT-23 0710 REV A 2.90 BSC (NOTE 4) 0.65 BSC 1.95 BSC 0.80 – 0.90 1.00 MAX 0.01 – 0.10 0.20 BSC 0.30 – 0.50 REF PIN ONE ID NOTE: 1. DIMENSIONS ARE IN MILLIMETERS 2. DRAWING NOT TO SCALE 3. DIMENSIONS ARE INCLUSIVE OF PLATING 4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR 5. MOLD FLASH SHALL NOT EXCEED 0.254mm 6. JEDEC PACKAGE REFERENCE IS MO-193 3.85 MAX 0.40 MAX 0.65 REF RECOMMENDED SOLDER PAD LAYOUT PER IPC CALCULATOR 1.4 MIN 2.62 REF 1.22 REF TS8 Package 8-Lead Plastic TSOT-23 (Reference LTC DWG # 05-08-1637 Rev A) |