Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAB-15229 Fiches technique(PDF) 2 Page - SparkFun Electronics

No de pièce LAB-15229
Description  SparkFun Inventor is Kit for micro:bit Lab Pack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

LAB-15229 Fiches technique(HTML) 2 Page - SparkFun Electronics

  LAB-15229 Datasheet HTML 1Page - SparkFun Electronics LAB-15229 Datasheet HTML 2Page - SparkFun Electronics LAB-15229 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Examples and curriculum materials are available from SparkFun and Arduino, as well as from other
educators involved in this growing maker movement.
The micro:bit is a pocket-sized computer that lets you get creative with digital technology. Between
the micro:bit and our shield-like bit boards you can do almost anything while coding, customizing and
controlling your micro:bit from almost anywhere! You can use your micro:bit for all sorts of unique
creations, from robots to musical instruments and more. At half the size of a credit card, this versatile
board has vast potential!
INCLUDES
10x SparkFun Inventor's Kit for micro:bit
1x SparkFun Inventor's Kit Refill Pack --- v4.0
25x Alkaline Battery --- AAA
 



Html Pages

1 2 3