Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

GBPC2510 Fiches technique(PDF) 1 Page - Inchange Semiconductor Company Limited

No de pièce GBPC2510
Description  SINGLE-PHASE BRIDGE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ISC [Inchange Semiconductor Company Limited]
Site Internet  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

GBPC2510 Fiches technique(HTML) 1 Page - Inchange Semiconductor Company Limited

  GBPC2510 Datasheet HTML 1Page - Inchange Semiconductor Company Limited GBPC2510 Datasheet HTML 2Page - Inchange Semiconductor Company Limited GBPC2510 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
1
GBPC2510
SINGLE-PHASE BRIDGE RECTIFIER
FEATURES
·
Plastic package has UL flammability classification 94V-0
·
Integrally molded heatsink provides very low thermal
resistance for maximum heat dissipation
·
High forward surge capacity
·
Glass passivated chip junction
·
High isolation voltage from case to lugs
·
High temperature soldering guaranteed:
260℃/10 seconds
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VRRM
Repetitive Peak Reverse Voltage
1000
V
IF(AV)
Average Forward Current
TC=75℃,
180° conduction, half sine wave
25
A
IFSM
Peak Forward Surge Current
8.3ms single half sine wave superimposed on
rated load
300
A
I2t
Rating for Fusing
t<8.3ms
660
A2S
TJ
Junction Temperature
-55~150
Tstg
Storage Temperature
-55~150
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.4
/W


Numéro de pièce similaire - GBPC2510

FabricantNo de pièceFiches techniqueDescription
logo
Surge Components
GBPC2510 SURGE-GBPC2510 Datasheet
130Kb / 2P
HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Shanghai Sunrise Electr...
GBPC2510 SSE-GBPC2510 Datasheet
18Kb / 1P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
GBPC2510 CHENYI-GBPC2510 Datasheet
149Kb / 2P
SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
GBPC2510 DIODES-GBPC2510 Datasheet
71Kb / 2P
25A GLASS PASSIVATED BRIDGE RECTIFIER
DS21209 Rev. G-2
logo
General Semiconductor
GBPC2510 GE-GBPC2510 Datasheet
70Kb / 4P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results

Description similaire - GBPC2510

FabricantNo de pièceFiches techniqueDescription
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com