| Moteur de recherche de fiches techniques de composants électroniques |
|
DEV-16525 Fiches technique(PDF) 1 Page - SparkFun Electronics |
|
|
|||||||||||||||||||||||||||||
DEV-16525 Fiches technique(HTML) 1 Page - SparkFun Electronics |
|
1 / 2 page ![]() Alchitry Io Element Board DEV-16525 The Alchitry Io Element Board is the perfect way to get your feet wet with digital design. The Io features four 7-segment LEDs, five momentary push buttons, 24 basic LEDs, and 24 DIP switches that all lend themselves to fantastic beginner tutorials that will walk you through all the basics of FPGAs. Alchitry Elements are expansion boards similar to shields for an Arduino or HATs for a Raspberry Pi but these are meant for your Au and Cu FPGA Development Boards. This Element is equipped with four connectors on the underside of the board that snap to an Au or Cu board. Be aware that the Io does not feature any connection points on the top of the board so you won't be able to stack any additional Elements on top of it. FEATURES 4x 7-segment LED digits 5x momentary push buttons 24x LEDs 24x DIP switches |
Numéro de pièce similaire - DEV-16525 |
|
Description similaire - DEV-16525 |