| Moteur de recherche de fiches techniques de composants électroniques |
|
DEV-16129 Fiches technique(PDF) 1 Page - SparkFun Electronics |
|
|
|||||||||||||||||||||||||||||
DEV-16129 Fiches technique(HTML) 1 Page - SparkFun Electronics |
|
1 / 2 page ![]() SparkFun controller:bit - micro:bit Carrier Board (Qwiic) DEV-16129 The SparkFun controller:bit is a fun-filled "carrier" board for the micro:bit that, when combined with the micro:bit, provides you with a fully functional controller system. Designed in a similar form factor to the classic Nintendo controller, the controller:bit is equipped with a four-direction "D-pad" on the left side of the board and two action buttons on the right side of the board. The two push buttons on the micro:bit in the center function as start and select to complete the NES controller form factor. The controller:bit connects to the micro:bit via an edge connector in the center of the board, making setup easy. This creates a handy way to swap out micro:bits for programming, while still providing reliable connections to all of the different pins on the micro:bit. We have also included several poke home connectors on the back of the board that correspond to each button on the controller:bit, allowing you to use external parts to control your game, robot, or anything your heart desires! If you are thinking, "Hey, this looks an awful lot like the SparkFun gamer:bit." You're correct! This is the latest revision of the gamer:bit with some updated components and a Qwiic connector! We found that this board could not be contained by the "gamer" name as we used it to control everything from robots to weather stations! Note: The SparkFun controller:bit does NOT include a micro:bit board. The micro:bit will need to be purchased separately. The micro:bit is a pocket-sized computer that lets you get creative with digital technology. Between the micro:bit and our shield-like bit boards you can do almost anything while coding, customizing and controlling your micro:bit from almost anywhere! You can use your micro:bit for all sorts of unique creations, from robots to musical instruments and more. At half the size of a credit card, this versatile board has vast potential! |
Numéro de pièce similaire - DEV-16129 |
|
Description similaire - DEV-16129 |