| Moteur de recherche de fiches techniques de composants électroniques |
|
EM62100AGH Fiches technique(PDF) 60 Page - ELAN Microelectronics Corp |
|
|
|||||||||||||||||||||||||||||
EM62100AGH Fiches technique(HTML) 60 Page - ELAN Microelectronics Corp |
|
60 / 60 page ![]() EM62100 65 COM/132 SEG STN LCD Driver 54 • ••• Product Specification (V1.1) 09.13.2005 (This specification is subject to change without further notice) 10.6.2 6800-Series MPU Decoder DD V D0-D7 E RW GND E RESB D0-D7 MPU VMA A1-A15 VCC RS CS1B,CS2 RS VCC RESB EM62100 M86 P/S /Reset RW Fig. 13 10.6.3 Using the Serial Interface Decoder DD V SI SCL GND Port 1 RESB MPU A1-A7 VCC RS CS1B,CS2 RS VCC RESB EM62100 M86 P/S /Reset Port 2 VSS or VCC Fig. 14 |