| Moteur de recherche de fiches techniques de composants électroniques |
|
MRC-RMT0003 Fiches technique(PDF) 1 Page - Ultralife Corporation. |
|
|
|||||||||||||||||||||||||||||
MRC-RMT0003 Fiches technique(HTML) 1 Page - Ultralife Corporation. |
|
1 / 2 page ![]() MRC-RMT0003 Mount for AN/PRC-117G Features ► Protects AN/PRC-117G radio from shock and vibration ► Quick-release latch can be operated with one hand ► Security cable allows radio and power supply to be locked to mount ► Rugged construction Overview The MRC-RMT0003 allows for easy installation of transceivers with attached power supplies/power adapters to be used in vehicle/shelter installations. Integrated shock/vibration mount protects equipment from shock and vibration with integrated isolators between bottom mounting plate and equipment mounting tray. The MRC-RMT0003 is equipped with security cable to secure radio to the mount. The MRC-RMT0003 features a quick-release latch that can be operated with one hand, making it ideal for “jerk- and-run” situations. The included steel security cable allows the radio and power supply to be locked to the mount. ©2014 Ultralife Corporation • www.ultralifecorp.com • all specifications subject to change without notice The information contained herein is for reference only and does not constitute a warranty of performanceULCS-9000-0019_A 8/6/14 www.ultralifecorporation.com/commsys 800-332-5000 | orders@ulbi.com Follow Us Online: |
Numéro de pièce similaire - MRC-RMT0003 |
|
Description similaire - MRC-RMT0003 |