Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEV-15046 Fiches technique(PDF) 2 Page - SparkFun Electronics

No de pièce DEV-15046
Description  SmartLED Shield V4 for Teensy
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-15046 Fiches technique(HTML) 2 Page - SparkFun Electronics

  DEV-15046 Datasheet HTML 1Page - SparkFun Electronics DEV-15046 Datasheet HTML 2Page - SparkFun Electronics DEV-15046 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
 
 
Of course, if using an LED matrix isn’t your cup of tea, that’s just fine since the SmartLED Shield is
also capable of driving individual APA102 LEDs, boards, and strips. The SmartLED Shield comes
fully assembled, allows for your Teensy board to be removed at your leisure, and all the while saving
four GPIO pins from the Teensy itself.
Note: The SmartLED Shield V4 is not compatible with the Teensy LC models.
 
INCLUDES 
SmartLED Shield V4
Male 4-pin JST SM Cable (10cm)
2x8 Extra Long Pin Header
 



Html Pages

1 2 3