| Moteur de recherche de fiches techniques de composants électroniques |
|
0830721 Fiches technique(PDF) 2 Page - PHOENIX CONTACT |
|
|
|||||||||||||||||||||||||||||
0830721 Fiches technique(HTML) 2 Page - PHOENIX CONTACT |
|
2 / 4 page ![]() https://www.phoenixcontact.com/pi/products/0830721 09/11/2020 Page 2 / 4 Cable marker carrier - KMK HP (29X8) - 0830721 Technical data General Flammability rating according to UL 94 V0 Material PC (polycarbonate) Wipe resistance DIN EN 61010-1 (VDE 0411-1) Marking mounting type Assembly with cable binders Result Test passed Class I 3 Class F 1 R22 HL 3 R24 HL 3 Standards and Regulations Wipe resistance DIN EN 61010-1 (VDE 0411-1) Flammability rating according to UL 94 V0 Classifications eCl@ss eCl@ss 10.0.1 27400401 eCl@ss 4.0 27061700 eCl@ss 4.1 27061700 eCl@ss 5.0 27400400 eCl@ss 5.1 27400400 eCl@ss 6.0 27149100 eCl@ss 7.0 27149153 eCl@ss 8.0 27400401 eCl@ss 9.0 27400401 ETIM ETIM 3.0 EC000761 ETIM 4.0 EC001530 ETIM 5.0 EC002248 ETIM 6.0 EC001530 ETIM 7.0 EC001530 UNSPSC UNSPSC 6.01 30211811 UNSPSC 7.0901 39121410 UNSPSC 11 39121410 UNSPSC 12.01 39121410 UNSPSC 13.2 39131504 UNSPSC 18.0 39131504 UNSPSC 19.0 39131504 |