Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DEV-14352 Fiches technique(PDF) 2 Page - SparkFun Electronics

No de pièce DEV-14352
Description  SparkFun Qwiic Shield for Arduino
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPARKFUN [SparkFun Electronics]
Site Internet  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

DEV-14352 Fiches technique(HTML) 2 Page - SparkFun Electronics

  DEV-14352 Datasheet HTML 1Page - SparkFun Electronics DEV-14352 Datasheet HTML 2Page - SparkFun Electronics DEV-14352 Datasheet HTML 3Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Note: This includes R3 Arduino headers, but they are not pre-soldered onto the board, so some
assembly will be required when putting the shield together.
INCLUDES
1x SparkFun Qwiic Shield for Arduino
1x Arduino Stackable Header Kit – R3
FEATURES
4x Qwiic Connection Ports
Large Prototyping Area
3-by-1 Prototyping Rails



Html Pages

1 2 3