| Moteur de recherche de fiches techniques de composants électroniques |
|
ANT-915-IPW1-RPS Fiches technique(PDF) 4 Page - Linx Technologies |
|
|
|||||||||||||||||||||||||||||
ANT-915-IPW1-RPS Fiches technique(HTML) 4 Page - Linx Technologies |
|
4 / 12 page ![]() 4 Datasheet ANT-915-IPW1-RPS Edge of Ground Plane The charts on the following pages represent data taken with the antenna oriented at the edge of the ground plane, bent 90 degrees as shown in Figure 3. Figure 3. ANT-915-IPW1-RPS at Edge of Ground Plane, Bent 90 Degrees (Edge Bent) VSWR Figure 4 provides the voltage standing wave ratio (VSWR) across the antenna bandwidth. VSWR describes the power reflected from the antenna back to the radio. A lower VSWR value indicates better antenna performance at a given frequency. Reflected power is also shown on the right-side vertical axis as a gauge of the percentage of transmitter power reflected back from the antenna. 0 10 20 30 40 1 2 3 4 5 900 905 910 915 920 925 930 935 Frequency (MHz) Figure 4. ANT-915-IPW1-RPS Antenna VSWR, Edge Bent |