| Moteur de recherche de fiches techniques de composants électroniques |
|
MIC5021 Fiches technique(PDF) 16 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MIC5021 Fiches technique(HTML) 16 Page - Microchip Technology |
|
16 / 24 page ![]() MIC5021 DS20005677B-page 16 2016 - 2021 Microchip Technology Inc. and its subsidiaries. 7.0 PACKAGING INFORMATION 7.1 Package Marking Information Example Example MIC XXXXXX WNNN MIC 5021YN 9721 8-Lead SOIC* 8-Lead PDIP* MIC XXXXXX WNNN MIC 5021YM 4822 Legend: XX...X Product code or customer-specific information Y Year code (last digit of calendar year) YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Pb-free JEDEC® designator for Matte Tin (Sn) * This package is Pb-free. The Pb-free JEDEC designator ( ) can be found on the outer packaging for this package. ●, ▲, ▼ Pin one index is identified by a dot, delta up, or delta down (triangle mark). Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line, thus limiting the number of available charac- ters for customer-specific information. Package may or may not include the corporate logo. Underbar (_) and/or Overbar (‾) symbol may not be to scale. 3 e 3 e |