Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAN8671 Fiches technique(PDF) 7 Page - Microchip Technology

No de pièce LAN8671
Description  10BASE-T1S Ethernet PHY Transceiver Product Brief
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8671 Fiches technique(HTML) 7 Page - Microchip Technology

Back Button LAN8671 Datasheet HTML 3Page - Microchip Technology LAN8671 Datasheet HTML 4Page - Microchip Technology LAN8671 Datasheet HTML 5Page - Microchip Technology LAN8671 Datasheet HTML 6Page - Microchip Technology LAN8671 Datasheet HTML 7Page - Microchip Technology LAN8671 Datasheet HTML 8Page - Microchip Technology LAN8671 Datasheet HTML 9Page - Microchip Technology LAN8671 Datasheet HTML 10Page - Microchip Technology LAN8671 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
3.
Pin Description and Configuration
The pin assignments and descriptions for the LAN8670/1/2 are detailed in the following sections. Pin buffer type
definitions are detailed in the Buffer Types section.
Related Links
1.1 Buffer Types
3.1
LAN8670 Pin Assignments
Figure 3-1.  LAN8670 32-VQFN Pin Assignments
Microchip
LAN8670
(Top View 32-VQFN)
Note: Exposed pad (VSS) on bottom of package must be connected to ground.
RXD3 / MODE1
17
18
19
20
21
22
23
24
8
7
6
5
4
3
2
1
DNC
COL
TXD3
TXD2
TXD1
TXD0
TXEN
VDDP
RXD2 / MODE0
IRQ_N
RXER / PHYAD0
RXDV / CRSDV / PHYAD1
RXD1 / PHYAD3
VDDP
RXCLK
Thermal slug connects to VSS
Note:  Configuration straps are identified by an underlined symbol name. Signals that function as configuration
straps must be augmented with an external resistor.
LAN8670/1/2
Pin Description and Configuration
© 2021 Microchip Technology Inc.
and its subsidiaries
Product Brief
DS60001536E-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30