| Moteur de recherche de fiches techniques de composants électroniques |
|
ABQW102-R Fiches technique(PDF) 13 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
ABQW102-R Fiches technique(HTML) 13 Page - IDEC Corporation |
|
13 / 41 page ![]() ø22mm - TW Series Switches & Pilot Devices 708 www.IDEC.com 1904032203 Illuminated Pushbuttons (Assembled) Assembled Illuminated Pushbuttons A L (F) W 2 (B) 99 11 (D) – R – (24V) Function L:Momentary Action OL:Maintained Action Bezel Shape Blank: Octagonal (round lenses) F: Full Shroud (round lenses) Q: Square Series Designation W: TW series Lens Shape/Size 2: Standard Extended (round or square) 3: 29mm Mushroom 4: 40mm Mushroom Lens Type Blank: Standard (ribbed) B: Engravable (smooth with insert) Illumination Circuit 99: Full Voltage (lamp determines voltage) 126: 120V AC Step Down Transformer 246: 240V AC Step Down Transformer 486: 480V AC Step Down Transformer Lamp Voltage (Full Voltage Units Only) 6V: 6V AC/DC 12V: 12V AC/DC 24V: 24V AC/DC 120V: 120V AC 240V: 240V AC Lens Code A: Amber G: Green R: Red S: Blue W: White Y: Yellow Lamp Type D: LED Lamp Contact Arrangement 10: 1NO 01: 1NC 20: 2NO 02: 2NC 11: 1NO-1NC 22: 2NO-2NC 1. Use only when interpreting part numbers. Do not use for developing part numbers. 2. Transformers step down to 6V. |