| Moteur de recherche de fiches techniques de composants électroniques |
|
ABW101-R Fiches technique(PDF) 18 Page - IDEC Corporation |
|
|
|||||||||||||||||||||||||||||
ABW101-R Fiches technique(HTML) 18 Page - IDEC Corporation |
|
18 / 41 page ![]() 713 800-262-IDEC (4332) • USA & Canada ø22mm - TW Series Switches & Pilot Devices 1904032203 Non-Illuminated Selector Switches (Assembled) continued 2-Position Selector Switches Style Part Number Operator Position Maintained Spring Return from Right Spring Return from Left L R L R L R L R 1NO 1 2 O O X O Knob Lever Key ASW210 ASW2L10 ASW2K10 ASW2110 ASW21L10 ASW21K10 ASW2210 ASW22L10 ASW22K10 1NC 1 2 X O O O Knob Lever Key ASW201-116 ASW2L01-116 ASW2K01-116 ASW2101-116 ASW21L01-116 ASW21K01-116 ASW2201-116 ASW22L01-116 ASW22K01-116 1NO 1NC 1 2 X O O X Knob Lever Key ASW211 ASW2L11 ASW2K11 ASW2111 ASW21L11 ASW21K11 ASW2211 ASW22L11 ASW22K11 2NO 1 2 O O X X Knob Lever Key ASW220 ASW2L20 ASW2K20 ASW2120 ASW21L20 ASW21K20 ASW2220 ASW22L20 ASW22K20 2NC 1 2 X X O O Knob Lever Key ASW202-104 ASW2L02-104 ASW2K02-104 ASW2102-104 ASW21L02-104 ASW21K02-104 ASW2202-104 ASW22L02-104 ASW22K02-104 2NO 2NC 1 2 3 4 O X O X X O X O Knob Lever Key ASW222 ASW2L22 ASW2K22 ASW2122 ASW21L22 ASW21K22 ASW2222 ASW22L22 ASW22K22 2NO 2NC 1 2 3 4 O O X X X X O O Knob Lever Key ASW222-111 ASW2L22-111 ASW2K22-111 ASW2122-111 ASW21L22-111 ASW21K22-111 ASW2222-111 ASW22L22-111 ASW22K22-111 |