Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AOQW220-R Fiches technique(PDF) 18 Page - IDEC Corporation

No de pièce AOQW220-R
Description  Honeywell ZephyrTM Digital Airflow Sensors
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IDEC [IDEC Corporation]
Site Internet  https://us.idec.com/
Logo IDEC - IDEC Corporation

AOQW220-R Fiches technique(HTML) 18 Page - IDEC Corporation

Back Button AOQW220-R Datasheet HTML 14Page - IDEC Corporation AOQW220-R Datasheet HTML 15Page - IDEC Corporation AOQW220-R Datasheet HTML 16Page - IDEC Corporation AOQW220-R Datasheet HTML 17Page - IDEC Corporation AOQW220-R Datasheet HTML 18Page - IDEC Corporation AOQW220-R Datasheet HTML 19Page - IDEC Corporation AOQW220-R Datasheet HTML 20Page - IDEC Corporation AOQW220-R Datasheet HTML 21Page - IDEC Corporation AOQW220-R Datasheet HTML 22Page - IDEC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
713
800-262-IDEC (4332) • USA & Canada
ø22mm - TW Series
Switches & Pilot Devices
1904032203
Non-Illuminated Selector Switches (Assembled) continued
2-Position Selector Switches
Style
Part Number
Operator
Position
Maintained
Spring Return
from Right
Spring Return
from Left
L
R
L
R
L
R
L
R
1NO
1
2
O
O
X
O
Knob
Lever
Key
ASW210
ASW2L10
ASW2K10
ASW2110
ASW21L10
ASW21K10
ASW2210
ASW22L10
ASW22K10
1NC
1
2
X
O
O
O
Knob
Lever
Key
ASW201-116
ASW2L01-116
ASW2K01-116
ASW2101-116
ASW21L01-116
ASW21K01-116
ASW2201-116
ASW22L01-116
ASW22K01-116
1NO
1NC
1
2
X
O
O
X
Knob
Lever
Key
ASW211
ASW2L11
ASW2K11
ASW2111
ASW21L11
ASW21K11
ASW2211
ASW22L11
ASW22K11
2NO
1
2
O
O
X
X
Knob
Lever
Key
ASW220
ASW2L20
ASW2K20
ASW2120
ASW21L20
ASW21K20
ASW2220
ASW22L20
ASW22K20
2NC
1
2
X
X
O
O
Knob
Lever
Key
ASW202-104
ASW2L02-104
ASW2K02-104
ASW2102-104
ASW21L02-104
ASW21K02-104
ASW2202-104
ASW22L02-104
ASW22K02-104
2NO
2NC
1
2
3
4
O
X
O
X
X
O
X
O
Knob
Lever
Key
ASW222
ASW2L22
ASW2K22
ASW2122
ASW21L22
ASW21K22
ASW2222
ASW22L22
ASW22K22
2NO
2NC
1
2
3
4
O
O
X
X
X
X
O
O
Knob
Lever
Key
ASW222-111
ASW2L22-111
ASW2K22-111
ASW2122-111
ASW21L22-111
ASW21K22-111
ASW2222-111
ASW22L22-111
ASW22K22-111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41