Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMUX7462F Fiches technique(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMUX7462F
Description  TMUX7462F 짹60 V Fault-Protected, Latch-Up Immune, Quad Channel Protector with Adjustable Fault Threshold and 1.8-V Logic
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TMUX7462F Fiches technique(HTML) 35 Page - Texas Instruments

Back Button TMUX7462F Datasheet HTML 29Page - Texas Instruments TMUX7462F Datasheet HTML 30Page - Texas Instruments TMUX7462F Datasheet HTML 31Page - Texas Instruments TMUX7462F Datasheet HTML 32Page - Texas Instruments TMUX7462F Datasheet HTML 33Page - Texas Instruments TMUX7462F Datasheet HTML 34Page - Texas Instruments TMUX7462F Datasheet HTML 35Page - Texas Instruments TMUX7462F Datasheet HTML 36Page - Texas Instruments TMUX7462F Datasheet HTML 37Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 35 / 37 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TMUX7462FRRPR
WQFN
RRP
16
3000
330.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
23-Oct-2021
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37