Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASKHC2P04AW Fiches technique(PDF) 2 Page - C&K Components

No de pièce ASKHC2P04AW
Description  General Purpose Snap-acting Switches
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CK-COMPONENTS [C&K Components]
Site Internet  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ASKHC2P04AW Fiches technique(HTML) 2 Page - C&K Components

  ASKHC2P04AW Datasheet HTML 1Page - C&K Components ASKHC2P04AW Datasheet HTML 2Page - C&K Components ASKHC2P04AW Datasheet HTML 3Page - C&K Components ASKHC2P04AW Datasheet HTML 4Page - C&K Components ASKHC2P04AW Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NOTE: To select switching function, see CIRCUITRY section, page J-81.
.
A Series
General Purpose Snap-acting Switches
SERIES
NO. POLES
S  SINGLE POLE SWITCH
D  DOUBLE POLE SWITCH
A  GENERAL PURPOSE SNAP-ACTING SWITCHES
Mounting holes will accept pins or screws
of .139 dia. (3,53) max., on 1.000 (25,40) centers.
Mounting holes will accept pins or screws
of .139 dia. (3,53) max., on 1.000 (25,40) centers.
J
J–82
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
14 Jan 19



Html Pages

1 2 3 4 5